PART |
Description |
Maker |
MBRB20100CT1_D ON0432 MBRB20100CT1 MBRB20100CT1-D |
SWITCHMODE Schottky Power Rectifier D2PAK-SL Straight-Leaded Through Hole Mount Package 20 AMPERES 100 VOLTS From old datasheet system SWITCHMODE⑩ Schottky Power Rectifier D2PAK-SL Straight-Leaded Through Hole Mount Package SWITCHMODESchottky Power Rectifier D2PAK-SL Straight-Leaded Through Hole Mount Package
|
ON Semiconductor MOTOROLA[Motorola, Inc] Motorola, Inc.
|
MBRD660CTT4G MBRD640CTT4 MBRD640CTT4G MBRD620CT MB |
Rectifier 6A 50V Schottky 6A 30V Schottky Rectifier Rectifier 6A 20V Schottky 6A 60V Schottky Rectifier SWITCHMODE Power Rectifiers 6A 40V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|
11DQ04 |
1.0A Axial Leaded Schottky Barrier Rectifier Diodes
|
SUNMATE electronic Co.,...
|
12CTQ045 12CTQ040 15CTQ045 20CTQ045 MVR2045CTP 12C |
20 AMP SCHOTTKY BARRIER RECTIFIERS Test Prod Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes 10 A, 35 V, SILICON, RECTIFIER DIODE, TO-220AB Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Capacitance:16.5pF/ft; Conductor Material:Steel; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes Schottky Rectifier
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
MBR0530T1 MBR0530T3 MBR0530LT1 ON0406 06F9814 MBR0 |
From old datasheet system SURFACE MOUNT SCHOTTKY POWER RECTIFIER MOSFET N-CH 500V 5A D2-PAK (MBR0530T1 / MBR0530T3) SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 30 VOLTS DIODE SCHOTTKY 0.5A
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] Motorola, Inc.
|
1N6843 |
Schottky Rectifier 100 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER
|
Microsemi Corporation
|
CPD81 |
Chip Form: SILICON SCHOTTKY DIODE Schottky Rectifier 5 Amp Schottky Barrier Rectifier Chip
|
Central Semiconductor Corp
|
B120B10 B1XX-13-F B1XXB-13-F B150-13-F B140-13-F B |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER RECTIFIER SCHOTTKY SINGLE 1A 50V 30A-Ifsm 0.7Vf 0.5A-IR SMA 5K/REEL 1 A, 50 V, SILICON, SIGNAL DIODE
|
Diodes Incorporated http:// Diodes, Inc.
|
C3D06060A |
Silicon Carbide Schottky Diode Z-Rec Rectifier 600-Volt Schottky Rectifier
|
Cree, Inc
|
1N6840 1N6841 |
35 and 45 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER Schottky Rectifier
|
Microsemi Corporation
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|